Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC614-R Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce SC614-R
Description  Speech And Music Processor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SC614-R Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

  SC614-R Datasheet HTML 1Page - List of Unclassifed Manufacturers SC614-R Datasheet HTML 2Page - List of Unclassifed Manufacturers SC614-R Datasheet HTML 3Page - List of Unclassifed Manufacturers SC614-R Datasheet HTML 4Page - List of Unclassifed Manufacturers SC614-R Datasheet HTML 5Page - List of Unclassifed Manufacturers SC614-R Datasheet HTML 6Page - List of Unclassifed Manufacturers SC614-R Datasheet HTML 7Page - List of Unclassifed Manufacturers SC614-R Datasheet HTML 8Page - List of Unclassifed Manufacturers SC614-R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SC-614
Data sheet
6
P/N 80-0210-C
© 2003 Sensory Inc.
Mechanical Data
LQFP 100 PLASTICQUAD FLATPACK (14x14x1.4 mm)
Dimension in mm
Dimension in inch
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
1.60
-
-
0.063
A1
0.05
-
0.15
0.002
-
0.006
A2
1.35
1.40
1.45
0.053 0.055 0.057
b
0.17
0.22
0.27
0.007 0.009 0.011
b1
0.17
0.20
0.23
0.007 0.008 0.009
c
0.09
-
0.20
0.004
-
0.008
c1
0.09
-
0.16
0.004
-
0.006
D
15.85 16.00 16.15 0.624 0.630 0.636
D1
13.90 14.00 14.10 0.547 0.551 0.555
E
15.85 16.00 16.15 0.624 0.630 0.636
E1
13.90 14.00 14.10 0.547 0.551 0.555
0.50 BSC
0.20 BSC
L
0.45
0.60
0.75
0.018 0.024 0.030
L1
1.00 REF
0.039 BSC
R1
0.08
-
-
0.003
-
-
R2
0.08
-
0.20
0.003
-
0.008
S
0.20
-
-
0.008
-
-
3.5º
3.5º
›1
-
-
-
-
›2
12º TYP
12º TYP
›3
12º TYP
12º TYP
Notes:
A.
All linear dimensions are in millimeters.
B.
This drawing is subject to change without notice.
C.
Falls within JEDEC MS-022



Html Pages

1 2 3 4 5 6 7 8 9