Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC604-R Fiches technique(PDF) 12 Page - List of Unclassifed Manufacturers

No de pièce SC604-R
Description  Speech And Music Processor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SC604-R Fiches technique(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SC604-R Datasheet HTML 5Page - List of Unclassifed Manufacturers SC604-R Datasheet HTML 6Page - List of Unclassifed Manufacturers SC604-R Datasheet HTML 7Page - List of Unclassifed Manufacturers SC604-R Datasheet HTML 8Page - List of Unclassifed Manufacturers SC604-R Datasheet HTML 9Page - List of Unclassifed Manufacturers SC604-R Datasheet HTML 10Page - List of Unclassifed Manufacturers SC604-R Datasheet HTML 11Page - List of Unclassifed Manufacturers SC604-R Datasheet HTML 12Page - List of Unclassifed Manufacturers SC604-R Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
SC-604
Data sheet
12
P/N 80-0208-B
© 2002 Sensory Inc.
Die Bond-out Coordinates
Die Size = 147.64 x 111.02 Mil
Pad Size = 210 x 210 Mil
Units = Metric
Pad
Pin
X-Axis Min
Y-Axis Min
X-Axis Max
Y- Axis Max
1
1
149.00
2122.80
235.00
2208.80
2
2
149.00
1961.45
235.00
2047.45
3
3
127.40
1805.45
213.40
1891.45
4
4
127.40
1651.45
213.40
1737.45
5
5
127.40
1497.45
213.40
1583.45
6
6
127.40
1343.45
213.40
1429.45
7
7
127.30
1191.05
213.30
1277.05
8
8
127.40
1077.95
213.40
1163.95
9
9
127.30
925.45
213.30
1011.45
10
10
127.30
814.15
213.30
900.15
11
11
127.30
702.85
213.30
788.85
12
12
127.45
555.50
213.45
641.50
13
13
127.30
435.50
213.30
521.50
14
14
127.30
324.20
213.30
410.20
15
15
127.30
212.90
213.30
298.90
16
16
148.00
108.10
234.00
194.10
17
31
3385.20
61.50
3471.20
147.50
18
32
3472.20
172.75
3558.20
258.75
19
33
3472.20
326.75
3558.20
412.75
20
34
3472.20
480.75
3558.20
566.75
21
35
3472.20
634.75
3558.20
720.75
22
36
3472.20
788.75
3558.20
874.75
23
37
3472.20
942.75
3558.20
1028.75
24
38
3472.20
1096.75
3558.20
1182.75
25
39
3472.20
1250.75
3558.20
1336.75
26
40
3472.20
1404.75
3558.20
1490.75
27
41
3472.20
1558.75
3558.20
1644.75
28
42
3472.20
1712.75
3558.20
1798.75
29
43
3472.20
1866.75
3558.20
1952.75
30
44
3450.60
2026.15
3536.60
2112.15
31
45
3517.01
2165.85
3603.01
2251.85
32
46
3517.01
2319.91
3603.01
2405.91
33
47
3517.01
2473.95
3603.01
2559.95
34
48
3516.80
2583.45
3602.80
2669.45
35
49
3149.35
2581.75
3235.35
2667.75
36
64
97.30
2533.65
183.30
2619.65
Ordering Information
Part
Ordering P/N Shipping P/N Description
SC-604 DIE
SC604-R
65-xxxx-x
Tested, Singulated SC-604 die in waffle pack.
SC-604 LQFP
SC604-RL1
65-xxxx-x
SC-604 64 pin 10x10x1.4mm LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13