Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC-604 Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers

No de pièce SC-604
Description  Speech And Music Processor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SC-604 Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SC-604 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 11Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 12Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
1991 Russell Ave., Santa Clara, CA 95054
Tel: (408) 327-9000 Fax: (408) 727-4748
© 2001 SENSORY, INC. ALL RIGHT RESERVED.
Sensory is registered by the U.S. Patent and
Trademark Office.
All other trademarks or registered trademarks are the
property of their respective owners.
www.sensoryinc.com
The Interactive Speech™ Product Line
The Interactive Speech line of ICs and software was developed to “bring life to products” through advanced speech recognition and audio
technology.
The Interactive Speech Product Line was designed for consumer telephony products and cost-sensitive consumer electronic applications
such as home electronics, personal security, and personal communication.
The product line includes award-winning RSC series general-purpose microcontrollers and tools, SC series of speech microcontrollers, plus
a line of easy-to-implement chips that can be pin-configured or controlled by an external host microcontroller. Sensory’s software
technologies run on a variety of microcontrollers and DSPs.
RSC Microcontrollers and Tools
The RSC product line contains low-cost 8-bit speech-optimized microcontrollers designed for use in consumer
electronics. All members of the RSC family are fully integrated and include A/D, pre-amplifier, D/A, ROM, and RAM
circuitry. The RSC family can perform a full range of speech/audio functions including speech recognition, speaker
verification, speech and music synthesis, and voice record/playback. The family is supported by a complete suite
of evaluation tools and development kits.
SC Microcontrollers and Tools
The SC-6x product line feature the highest quality speech synthesis ICs at the lowest data rate in the industry. The line includes a 12.32
MIPS processor for high-quality low data-rate speech compression and MIDI music synthesis, with plenty of power left over for other
processor and control functions. Members of the SC-6x line can store as much as 37 minutes of speech on chip and include as much as
64 I/O pins for external interfacing. Integrating this broad range of features onto a single chip enables developers to create products with
high quality, long duration speech at very competitive price points.
Application Specific Standard Products (ASSPs)
Voice Direct™ 364 provides inexpensive speaker-dependent speech recognition and speech synthesis. This easy-to-use, pin-
configurable chip requires no custom programming and can recognize up to 60 trained words in slave mode, and 15 words in stand-
alone mode. Ideal for speaker-dependent command and control of household consumer products, Voice Direct* 364 is part of a
complete product line that includes the IC, module, and Voice Direct 364 Speech Recognition Kit.
Voice Extreme™ simplifies the creation of fully custom speech-enabled products by offering developers the capability of
programming the chip in a high-level C-like language. Program code, speech data, and even record and playback
information can be stored on a single off-chip Flash memory. Based on Sensory's RSC-364 speech processor, Voice
Extreme includes a highly efficient on-chip code interpreter, and is supported by a comprehensive suite of low-cost
development tools.
Software and Technology
Voice Activation™ micro footprint software provides advanced speech technology on a variety of microcontroller and DSP
platforms. A flexible design with a broad range of technologies allows manufacturers to easily integrate speech functionality
into consumer electronic products.
Fluent Speech™ small footprint software recognizes up to 50,000 words; offers Animated Speech with the ability to automate
enunciation and articulation; performs text-to-speech synthesis in either male or female voices; provides noise and echo cancellation,
performs Wordspotting for natural language usage; offers telephone barge-in; and provides continuous digit recognition.
Important notices
Reasonable efforts have been made to verify the accuracy of information contained herein, however no guarantee can be made of
accuracy or applicability. Sensory reserves the right to change any specification or description contained herein. Sensory reserves the
right to make changes to or to discontinue any product or service identified in this publication at any time without notice in order to
improve design and supply the best possible product. Sensory does not assume responsibility for use of any circuitry other than circuitry
entirely embodied in a Sensory product. Information contained herein is provided gratuitously and without liability to any user.
Reasonable efforts have been made to verify the accuracy of this information but no guarantee whatsoever is given as to the accuracy
or as to its applicability to particular uses. Applications described in this data sheet are for illustrative purposes only, and Sensory makes
no warranties or representations that the RSC/SC series of products will be suitable for such applications. In every instance, it must be
the responsibility of the user to determine the suitability of the products for each application. Sensory products are not authorized for use
as critical components in life support devices or systems. Sensory conveys no license or title, either expressed or implied, under any
patent, copyright, or mask work right to the RSC series of products, and Sensory makes balance between recognition and synthesis no
warranties or representations that the RSC series of products are free from patent, copyright, or mask work right infringement, unless
otherwise specified. Nothing contained herein shall be construed as a recommendation to use any product in violation of existing
patents or other rights of third parties. The sale of any Sensory product is subject to all Sensory Terms and Conditions of Sales and
Sales Policies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13