| Moteur de recherche de fiches techniques de composants électroniques |
|
CMCP310 Fiches technique(PDF) 2 Page - STI Vibration Monitoring Inc. |
|
|
|||||||||||||||||||||||||||||
CMCP310 Fiches technique(HTML) 2 Page - STI Vibration Monitoring Inc. |
|
2 / 2 page ![]() V3.2 Issued 09/13/2019 Mechanical Specifications: 6-12 Channels 8”x6”x4” Overall 13-24 Channels 12”x10”x8” Overall 35-48 Channels 16”x14”x10” Overall Ordering Guide CMCP310 -XX -XX -XX -XX Description -FG NEMA 4X Fiberglass Enclosure -PS NEMA 4 Painted Steel Enclosure -SS NEMA 4X Stainless Steel Enclosure -06 6 Channels -12 12 Channels -18 18 Channels -24 24 Channels -30 30 Channels -36 36 Channels -48 48 Channels -01 Internal (Switch and Connectors Accessible Inside Only) -02 External (Switch and Connectors Accessible Outside Only) -NE No Cable Entries -CG Cord Grips Installed Example Part Number CMCP310FG-24-01-CG 24 Channel Switchable BNC Junction Box (24 Inputs / Switchable Output) Internal Connections (Installed Behind Door) Cord Grips Installed In Bottom for 24 Sensors Images: -PS Painted Steel NEMA 4 Option -SS Stainless Steel NEMA 4X Option -FG Fiberglass NEMA 4X Option -CG Option Breakthrough Liquid Tight Cord Grip (IP68) Internal View Shown with Cord Grip Installed |