Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VB3658 Fiches technique(PDF) 4 Page - VBsemi Electronics Co.,Ltd

No de pièce VB3658
Description  Dual N-Channel 60 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VBSEMI [VBsemi Electronics Co.,Ltd]
Site Internet  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VB3658 Fiches technique(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  VB3658 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VB3658 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VB3658 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VB3658 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VB3658 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VB3658 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VB3658 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VB3658 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VB3658 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
0.01
0.001
0.1
10
100
TJ = 25 °C
TJ = 150 °C
V
SD - Source-to-Drain Voltage (V)
T
J - Temperature (°C)
- 0.8
- 0.6
- 0.4
- 0.2
0.0
0.2
0.4
- 50
- 25
0
25
50
75
100
125
150
ID =5mA
ID = 250 μA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
V
GS - Gate-to-Source Voltage (V)
0.000
0.016
0.032
0.048
0.064
0.080
012
345
67
89
10
TJ =25 °C
TJ = 125 °C
ID =4.0A
0
10
20
30
40
50
0
1
1
1
0
0
.
0
0.01
0.1
Time (s)
Safe Operating Area
0.01
100
1
100
0.01
0.1
10 s
10 ms
0.1
1
10
10
TA = 25 °C
Single Pulse
1ms
DC
BVDSS Limited
1s
100 ms
Limited by RDS(on)*
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
VB3658
www.VBsemi.com
4
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com