Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC604EC/D Fiches technique(PDF) 24 Page - NXP Semiconductors

No de pièce MPC604EC/D
Description  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC/D Fiches technique(HTML) 24 Page - NXP Semiconductors

Back Button MPC604EC/D Datasheet HTML 20Page - NXP Semiconductors MPC604EC/D Datasheet HTML 21Page - NXP Semiconductors MPC604EC/D Datasheet HTML 22Page - NXP Semiconductors MPC604EC/D Datasheet HTML 23Page - NXP Semiconductors MPC604EC/D Datasheet HTML 24Page - NXP Semiconductors MPC604EC/D Datasheet HTML 25Page - NXP Semiconductors MPC604EC/D Datasheet HTML 26Page - NXP Semiconductors MPC604EC/D Datasheet HTML 27Page - NXP Semiconductors MPC604EC/D Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
24
604 Hardware Specifications
Preliminary/Subject to Change without Notice
1.6.2.2 Mechanical Dimensions of the BGA Package
Figure 15 provides the mechanical dimensions and bottom surface nomenclature of the IBM and Motorola
BGA package.
Figure 15. Mechanical Dimensions and Bottom Surface Nomenclature of the BGA Package
P
N
2X
A1
12 34 56 78 9 10 11 12 13 14 15 16
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
255X
D
H
C
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
DIM
A
MIN
MAX
MIN
MAX
INCHES
21.000 BSC
0.827 BSC
MILLIMETERS
B
21.000 BSC
0.827 BSC
C
2.300
3.160
0.091
0.124
D
0.820
0.930
0.032
0.036
G
1.270 BSC
0.050 BSC
H
0.790
0.990
0.031
0.039
K
0.635 BSC
0.025 BSC
N
5.000 16.000
0.197
0.630
P
5.000 16.000
0.197
0.630
CORNER
2X
A
0.200
B
–F–
0.200
–E–
0.150 T
–T–
K
G
K
S
E
S
0.300
F S
T
S
0.150
T
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32