| Moteur de recherche de fiches techniques de composants électroniques |
|
7004-03-MB-A2-R1 Fiches technique(PDF) 1 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
7004-03-MB-A2-R1 Fiches technique(HTML) 1 Page - Bourns Electronic Solutions |
|
1 / 2 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Bourns® Model 7004 NID provides a secure and weather-resistant enclosure for Telco service for residential or commercial installations. The Model 7004 supplies station protection and test access points and can be configured for a maximum of four POTS lines or three lines with DSL. The Model 7004 features convenient cable knockouts and generous working space for wire management. 7004 Series - Network Interface Device Asia-Pacific: TEL +886- (0)2 25624117 FAX +886- (0)2 25624116 Europe: TEL +41-41 7685555 FAX +41-41 7685510 The Americas: TEL +1-951 781-5500 FAX +1-951 781-5700 www.bourns.com UL ® Reliable Electronic Solutions Features ■ Expands to add POTS lines, DSL or both ■ Manufactured from high-impact resistant, ultraviolet desensitized, flame retardant, UL Recognized plastic ■ Optional sealed switching jacks with Insulation Displacement Connectors (IDCs) ■ Subscriber lockable with Telco override ■ Convenient ground attachment ■ Listed per UL 497 (File: E53117) Model Number Designator Number of Twisted Pairs 1 = One 3 = Three 2 = Two 4 = Four Station Protector Options D1 =455HS-MSP (2377-45-HS) Voice/Data/DSL (UL,cUL) Z1 = 455HS-BC* (2377-45-BC) Balance-Sensitive DSL (UL, cUL) E2 = 155HS-MSP (2378-35-HS) Voice/DSL/Data (UL, cUL) Y2 = 155HS-BC* (2378-35-BC) Balance-Sensitive DSL (UL, cUL) B = 125EW (2374-01) Dual Gas Tube (UL, cUL, Telcordia) C = 125EW-R (2375-01) Dual Gas Tube (UL, cUL, RUS) L = 356M (2377-01) Balanced Gas Tube (UL, cUL, RUS) M = J130S (2380-27-01) Solid State Protector (UL, cUL) T = Tii355M O = No Station Protectors (Not available with DSL configurations) *For DSL systems requiring capacitive balance within 1 pF. Note 1 = Digi.Guard - 356 size, RUS Maximum Duty. Note 2 = Digi.Guard II - 125 size, RUS Heavy Duty. Special Options H = Security Screw in security plate S = Sealed Switching Jack w/IDC (85122-T-IDC) F = Sealed Switching Jack 4-Post (85122-T4) B = Expansion Bridge w/Binding Posts (85122-B) I = Expansion Bridge w/IDC (85122-IDC) O = No options (standard 85122 jack) DSL Options † A1 = One 3610A ADSL POTS Splitter V1 = One 3630A VDSL POTS Splitter A2 = Two 3610A ADSL POTS Splitters V2 = Two 3630A VDSL POTS Splitters P1 = One 3610A2 ADSL 2+ POTS Splitter P2 = Two 3610A2 ADSL 2+ POTS Splitters †DSL Configuration Note: The 3610A, 3610A2 and 3630A must be ordered with option D, Z, E or Y Station Protectors. 7004 NIDs ordered with DSL units will include Special Option F (4-post sealed switching jacks). Example: 7004-01-DF-P1 DSL Equalization R1 = One 3660 Equalization Module To add lines, use station protector + 85122 Standard Jack (Not available with DSL configurations) 85122-T4 Sealed Switching Jack, 4-post 85122-T-IDC Sealed Switching Jack w/IDC How To Order 7004 - 0X - X X - XX - XX |
Numéro de pièce similaire - 7004-03-MB-A2-R1 |
|
Description similaire - 7004-03-MB-A2-R1 |