Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2DB52P Fiches technique(PDF) 3 Page - ITT Industries

No de pièce 2DB52P
Description  The Centi Line - .075 Contact Spacing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

2DB52P Fiches technique(HTML) 3 Page - ITT Industries

  2DB52P Datasheet HTML 1Page - ITT Industries 2DB52P Datasheet HTML 2Page - ITT Industries 2DB52P Datasheet HTML 3Page - ITT Industries 2DB52P Datasheet HTML 4Page - ITT Industries 2DB52P Datasheet HTML 5Page - ITT Industries 2DB52P Datasheet HTML 6Page - ITT Industries 2DB52P Datasheet HTML 7Page - ITT Industries 2DB52P Datasheet HTML 8Page - ITT Industries 2DB52P Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
61
www.ittcannon.com
Double Density D - .075" Contact Spacing
2D
Standard Shell
+
+
++
Part Number
by Shell Size
2DE19P
2DE19S
2DA31P
2DA31S
2DB52P
.250 (6.35)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.236 (5.99)
2DB52S
2DC79P
2DC79S
2DD100P
2DD100S
.236 (5.99)
.236 (5.99)
.236 (5.99)
.236 (5.99)
.236 (5.99)
T
+ .020 (0.51)
- .000 (0.00)
Part Number
by Shell Size
T
+ .020 (0.51)
- .000 (0.00)
A
B
C
T
.856(21.74)MAX.
D
M
K
L
J
V
G
H
TWO MTG. HOLES
.123 ± .005
(3.12 ± 0.13)
E
10˚ (TYP)
Float Mount
+
+
+
+
TWO MTG. HOLES
.0885 ± .0025
(2.248 ± 0.064)
G
H
A
B
10˚ (TYP)
C
D
E
K
J
N
M
.032 (.812)
TOTAL
DIAMETRAL
FLOAT
V
Part Number
by Shell Size
A
± .015 (0.38)
E
±.015 (0.38)
B
± .010 (0.25)
C
± .010 (0.25)
D
± .010 (0.25)
G
± .010 (0.25)
H
± .010 (0.25)
J
± .010 (0.25)
K
± .010 (0.25)
L
± .010 (0.25)
M
± .010 (0.25)
N
± .010 (0.25)
V
Max.
2DE19P
2DE19S
2DA31P
2DA31S
2DB52P
2DB52S
2DC79P
2DC79S
2DD100P
2DD100S
1.213 (30.81)
1.213 (30.81)
1.541 (39.14)
1.541 (39.14)
2.088 (53.03)
2.088 (53.03)
2.729 (69.31)
2.729 (69.31)
2.635 (66.92)
2.635 (66.92)
.697 (17.70)
.640 (16.26)
1.025 (26.03)
.968 (24.58)
1.583 (40.21)
1.508 (38.30)
2.231 (56.67)
2.156 (54.76)
2.127 (54.02)
2.062 (52.37)
.984 (24.99)
.984 (24.99)
1.312 (33.32)
1.312 (33.32)
1.852 (47.04)
1.852 (47.04)
2.500 (63.50)
2.500 (63.50)
2.406 (61.11)
2.406 (61.11)
.360 (9.14)
.308 (7.82)
.360 (9.14)
.308 (7.82)
.378 (9.60)
.308 (7.82)
.378 (9.60)
.308 (7.82)
.484 (12.29)
.420 (10.67)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.605 (15.37)
.605 (15.37)
.759 (19.28)
.759 (19.28)
1.083 (27.51)
1.083 (27.51)
1.625 (41.27)
1.625 (41.27)
2.272 (57.71)
2.272 (57.71)
2.178 (55.32)
2.178 (55.32)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.534 (13.56)
.534 (13.56)
.036 (.914)
.032 (213)
.036 (.914)
.032 (213)
.036 (.914)
.032 (213)
.036 (.914)
.032 (213)
.036 (.914)
.032 (213)
.236 (5.99)
.243 (6.17)
.236 (5.99)
.243 (6.17)
.231 (5.87)
.243 (6.17)
.231 (5.87)
.243 (6.17)
.231 (5.87)
.243 (6.17)
.055 (1.40)
.047 (1.19)
.055 (1.40)
.047 (1.19)
.055 (1.40)
.047 (1.19)
.055 (1.40)
.047 (1.19)
.055 (1.40)
.047 (1.19)
.422 (10.72)
.429 (10.90)
.422 (10.72)
.429 (10.90)
.426 (10.82)
.429 (10.90)
.426 (10.82)
.429 (10.90)
.426 (10.82)
.429 (10.90)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.129 (3.28)
.120 (3.05)
.129 (3.28)
.120 (3.05)
.129 (3.28)
.120 (3.05)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
For shell with float mounts, add letter F after shell size, e.g., 2DEF19P.
Jackscrew/Jackpost Assembly
#4-40 UNC-2A THREAD
#4-40 UNC-2A THREAD
#4-40 UNC-2A THREAD
#4-40 UNC-2B
THREAD
.233 (5.92)
.223 (5.66)
.325 ± .015
(8.26 ± 0.38)
.025 (0.64)
MAX.
.025 (0.64)
MAX.
.180 ± .025 Grip
(4.57 ± 0.64) Length
.180 ± .025 Grip
(4.57 ± 0.64) Length
.230 (5.84) MAX.
.620 ± .010
(15.75 ± 0.25)
Standard (F172) Jackscrew
(factory installed)
Low Profile (F173) Jackscrew
(factory installed)
Jackpost (F171)
Front Panel Connector Mounting Only
Dimensions shown in inch (mm)
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11