Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DBLC08CI Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce DBLC08CI
Description  ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DBLC08CI Fiches technique(HTML) 4 Page - Diodes Incorporated

  DBLC08CI Datasheet HTML 1Page - Diodes Incorporated DBLC08CI Datasheet HTML 2Page - Diodes Incorporated DBLC08CI Datasheet HTML 3Page - Diodes Incorporated DBLC08CI Datasheet HTML 4Page - Diodes Incorporated DBLC08CI Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DBLC08CI
Document number: DS43654 Rev. 1 - 2
4 of 5
www.diodes.com
January 2022
© Diodes Incorporated
DBLC08CI
D
He
A2
E
L
c
A1
b
a
Y
X
X1
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOD323
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOD323
SOD323
Dim
Min
Max
Typ
A1
--
0.10
0.05
A2
1.00
1.10
1.05
b
0.25
0.35
0.30
c
0.10
0.15
0.11
D
1.20
1.40
1.30
E
1.60
1.80
1.70
He
2.30
2.70
2.50
L
0.20
0.40
0.30
a
0º
8º
--
All Dimensions in mm
Dimensions Value (in mm)
X
0.590
X1
2.700
Y
0.450



Html Pages

1 2 3 4 5