Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC602EC Fiches technique(PDF) 16 Page - NXP Semiconductors

No de pièce MPC602EC
Description  PowerPC 602TM RISC Microprocessor Hardware Specification
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC602EC Fiches technique(HTML) 16 Page - NXP Semiconductors

Back Button MPC602EC Datasheet HTML 12Page - NXP Semiconductors MPC602EC Datasheet HTML 13Page - NXP Semiconductors MPC602EC Datasheet HTML 14Page - NXP Semiconductors MPC602EC Datasheet HTML 15Page - NXP Semiconductors MPC602EC Datasheet HTML 16Page - NXP Semiconductors MPC602EC Datasheet HTML 17Page - NXP Semiconductors MPC602EC Datasheet HTML 18Page - NXP Semiconductors MPC602EC Datasheet HTML 19Page - NXP Semiconductors MPC602EC Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
16
PowerPC 602 RISC Microprocessor Hardware Specifications
1.5 Pinout Listing
Table 10 provides the pinout listing for the 602
Table 10. PowerPC 602 Microprocessor Pinout Listing
Signal Name
Pin Number
Active
I/O
AD0–AD31
69, 70, 71, 75, 76, 77, 79, 80, 81, 82, 84, 85,
86, 87, 89, 90, 91, 92, 94, 95, 96, 97, 99,
100, 101, 102, 104, 105, 106, 107, 110, 111
High
I/O
AACK
33
Low
Input
ARTRY
37
Low
I/O
AVDD
19
High
Input
BB
144
Low
I/O
BE0–BE7
(D40–D47)
(PFA8–PFA15)
54, 55, 58, 59, 61, 62, 65, 66
High
High
High
Output
I/O
Output
BG
29
Low
Input
BR
30
Low
Output
CI
(D60)
118
Low
High
Output
I/O
CLK_OUT
12
—
Output
CKSTP_IN
4
Low
Input
CKSTP_OUT
3
Low
Output
GBL
(D59)
120
Low
High
I/O
I/O
GND
20, 38, 44, 52, 60, 68, 113, 121, 129, 137,
143
Low
Input
HRESET
9
Low
Input
INT
7
Low
Input
LSSD_MODE*
23
Low
Input
L1_TSTCLK*
22
—
Input
L2_TSTCLK*
21
—
Input
MCP
6
Low
Input
OGND
11, 35, 45, 57, 67, 78, 88, 98, 108, 119, 130,
140
Low
Input
OVDD
5, 31, 39, 51, 63, 74, 83, 93, 103, 114, 124,
135
High
Input
PFA0–PFA7
(D32–D39)
41, 42, 43, 46, 47, 49, 50, 53
High
High
I/O
I/O
PFA16–PFA17
(D48–D49)
138,139
High
High
Output
I/O
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26