| Moteur de recherche de fiches techniques de composants électroniques |
|
HT-0095 Fiches technique(PDF) 4 Page - FCI connector |
|
|
|||||||||||||||||||||||||||||
HT-0095 Fiches technique(HTML) 4 Page - FCI connector |
|
4 / 18 page ![]() ELECTRONICS FCI Electronics Manual Part No. 415988-001 Issued: Date (03/12/99) Page 4 of 18 Rev. 05/07/01 ECR V10337 Revision B K\DCU\Manuals INTRODUCTION Hand Tool Function The HT-0095 is a manually operated hand tool designed for crimping loose piece (individual) Mini PV™ terminals to various sizes of wire. Physical Description The major components, which make up the HT-0095, are identified in Figure 1. These components include a frame, lever, tooling and tooling holders, and terminal holding pins. The heart of the hand tool is the tooling. The tooling performs the crimping operation and is divided into top and bottom component groups. The top group consists of those parts, which remain stationary with the frame. The bottom group contains those parts, which move with the lever. The HT-0095 is equipped with tooling for crimping two different ranges of wire sizes. These are identified as "A" and "B" on a plate affixed to the hand tool frame. The "A" side tooling is for crimping terminals to wire sizes ranging from 28-32 AWG. The "B" side tooling is used for wire sizes from 22-26 AWG. Figure 1 PDM: Rev:B Released STATUS: Printed: Dec 19, 2002 |