Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A121-001-R Fiches technique(PDF) 21 Page - Acconeer AB

No de pièce A121-001-R
Description  A121 – Pulsed Coherent Radar (PCR)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACCOONEER [Acconeer AB]
Site Internet  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A121-001-R Fiches technique(HTML) 21 Page - Acconeer AB

Back Button A121-001-R Datasheet HTML 17Page - Acconeer AB A121-001-R Datasheet HTML 18Page - Acconeer AB A121-001-R Datasheet HTML 19Page - Acconeer AB A121-001-R Datasheet HTML 20Page - Acconeer AB A121-001-R Datasheet HTML 21Page - Acconeer AB A121-001-R Datasheet HTML 22Page - Acconeer AB A121-001-R Datasheet HTML 23Page - Acconeer AB A121-001-R Datasheet HTML 24Page - Acconeer AB A121-001-R Datasheet HTML 25Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
A121 Pulsed Coherent Radar (PCR)
Datasheet v1.0
Page 21 of 29
2023-03-30
© 2023 Copyright by Acconeer
7 Software
The Acconeer software is written in C and is portable to any OS and HW platform. The Acconeer
software is executed on Host MCU.
The below figure shows the A121 software offer.
Figure 7.1. Acconeer Software offer.
RSS (Radar System Software) provides an API for controlling and retrieving data from the sensor. The
data output can be on two different levels, Service and Detector.
Service output is radar data with some pre-processing.
Detector output is based on Service output but uses further processing to create a result such as a
distance or presence detection.
Customer can either use Acconeer detector or develop their own signal processing based on Service
data.
Acconeer provides several example applications to support customer own application development.
Also, guidelines are provided for application development utilizing the Acconeer RSS API.
Integration software shall implement functions defined in a definitions file provided in Acconeer
Software offer. This includes handling of SPI, ENABLE, INTERRUPT and CTRL, as well as
potential OS functions.
See reference A121 User Guide HAL Software Integration for guideline on software integration and
HAL implementation (https://www.acconeer.com/products).
Acconeer provides reference integrations as source code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29