| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7612BCPZ Fiches technique(PDF) 26 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7612BCPZ Fiches technique(HTML) 26 Page - Analog Devices |
|
26 / 32 page ![]() AD7612 Rev. 0 | Page 26 of 32 BUSY SYNC SDCLK SDOUT 12 3 14 15 16 D15 D14 D2 D1 D0 X RDC/SDIN = 0 INVSCLK = INVSYNC = 0 CNVST CS, RD EXT/INT = 0 t23 t22 t16 t15 t14 t29 t19 t21 t20 t18 t28 t30 t24 t25 t26 t27 t3 Figure 39. Master Serial Data Timing for Reading (Read After Convert) EXT/INT = 0 RDC/SDIN = 1 INVSCLK = INVSYNC = 0 D15 D14 D2 D1 D0 X 12 3 14 15 16 BUSY SYNC SDCLK SDOUT CNVST CS, RD t23 t18 t15 t14 t17 t3 t22 t16 t1 t25 t26 t24 t27 t19 t20 t21 Figure 40. Master Serial Data Timing for Reading (Read Previous Conversion During Convert) |