Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9511-VCO/PCB Fiches technique(PDF) 27 Page - Analog Devices

No de pièce AD9511-VCO/PCB
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9511-VCO/PCB Fiches technique(HTML) 27 Page - Analog Devices

Back Button AD9511-VCO/PCB Datasheet HTML 23Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 24Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 25Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 26Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 27Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 28Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 29Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 30Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
AD9511
Rev. A | Page 27 of 60
PLL WITH EXTERNAL VCO AND BAND-PASS
FILTER FOLLOWED BY CLOCK DISTRIBUTION
An external band-pass filter may be used to try to improve the
phase noise and spurious characteristics of the PLL output. This
option is most appropriate to optimize cost by choosing a less
expensive VCO combined with a moderately priced filter. Note
that the BPF is shown outside of the VCO-to-N divider path,
with the BP filter outputs routed to CLK1. Some power can be
saved by shutting off unused functions, as well as by powering
down any unused clock channels (see the Register Map and
Description section).
R
N
PFD
STATUS
CHARGE
PUMP
LVPECL
DIVIDE
LVPECL
DIVIDE
LVPECL
DIVIDE
LVDS/CMOS
DIVIDE
LVDS/CMOS
DIVIDE
ΔT
FUNCTION
VREF
AD9511
PLL
REF
CLK1
CLK2
REFERENCE
INPUT
REFIN
LOOP
FILTER
VCO
BPF
CLOCK
OUTPUTS
SERIAL
PORT
Figure 32. AD9511 with VCO and BPF Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60