| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9389/PCB Fiches technique(PDF) 38 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9389/PCB Fiches technique(HTML) 38 Page - Analog Devices |
|
38 / 48 page ![]() AD9389 Rev. 0 | Page 38 of 48 0x84—Bits[7:0] ISRC2_PB0 This is transmitted only when the ISRC continue bit (Register 0x73 Bit 7) is set to 1. 0x85—Bits[7:0] ISRC2_PB1 0x86—Bits[7:0] ISRC2_PB2 0x87—Bits[7:0] ISRC2_PB3 0x88—Bits[7:0] ISRC2_PB4 0x89—Bits[7:0] ISRC2_PB5 0x8A—Bits[7:0] ISRC2_PB6 0x8B—Bits[7:0] ISRC2_PB7 0x8C—Bits[7:0] ISRC2_PB8 0x8D—Bits[7:0] ISRC2_PB9 0x8E—Bits[7:0] ISRC2_PB10 0x8F—Bits[7:0] ISRC2_PB11 0x90—Bits[7:0] ISRC2_PB12 0x91—Bits[7:0] ISRC2_PB13 0x92—Bits[7:0] ISRC2_PB14 0x93—Bits[7:0] ISRC2_PB15 0x94—Bits[7:0] mask1 0x95—Bits[7:6] mask2 0x96—Bit[7] HPD_INT 0x96—Bit[6] MSEN_INT 0x96—Bit[5] VS_INT 0x96—Bit[4]AUD_FIFO_FULL_INT 0x96—Bit[3] ITU656_ERR_INT 0x96—Bit[2] EDID_RDY_INT 0x97—Bit[7] HDCP_ERR_INT 0x97—Bit[6] BKSV_flag 0x97—Bit[2] 0x98—Bit[7] 0x98—Bits[3:0] 0x9C—Bits[7:0] 0x9D—Bits[3:0] 0xA2—Bits[7:0] 0xA3—Bits[7:0] 0xAF—Bit[7] HDCP_desired 0xAF—Bit[4] frame_enc 0xAF—Bit[1] ext_HDMI_MODE 0xB0—Bits[7:0] An_0 0xB1—Bits[7:0] An_1 0xB2—Bits[7:0] An_2 0xB3—Bits[7:0] An_3 0xB4—Bits[7:0] An_4 0xB5—Bits[7:0] An_5 0xB6—Bits[7:0] An_6 0xB7—Bits[7:0] An_7 0xB7—Bit[6] ENC_on 0xB7—Bit[5] int_HDMI_MODE 0xB7—Bit[4] keys_read_error 0xBA—Bits[7:5] clk_delay 0xBA—Bit[4] clk_delay 0xBE—Bit[7] BCAPS 0xBE—Bit[6] 0xBE—Bit[5] 0xBE—Bit[4] 0xBE—Bits[3:2] 0xBE—Bit[1] 0xBE—Bit[0] 0xBF—Bits[7:0] Bksv1 0xC0—Bits[7:0] Bksv Byte2 0xC1—Bits[7:0] Bksv3 0xC2—Bits[7:0] Bksv4 0xC3—Bits[7:0] Bksv5 0xC4—Bits[7:0] EDID Segment These bits support up to 256 EDID segments that can be addressed. The requested segment address is written here before initiation of the read. 0xC5—Bit[7] ErrorFlag 0xC5—Bit[6] AN Stop 0xC5—Bit[5] HDCP Enabled 0xC5—Bit[4] EDID Ready 0xC5—Bit[3] I2C 0xC5—Bit[2] RI 0xC5—Bit[1] BKSV Update 0xC5—Bit[0] PJ 0xC6—Bit[4] HDMI Mode 0xC6—Bit[3] HDCP Requested 0xC6—Bit[2] Rx Sense 0xC6—Bit[1] EEPROM Read 0xC7—Bit[7] BKSV Flag 0xC7—Bits[6:0] BKSV Count |