| Moteur de recherche de fiches techniques de composants électroniques |
|
DR331-113BE. Fiches technique(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
DR331-113BE. Fiches technique(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 3 page ![]() DR331 Series Surface Mount Data Line Chokes Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. REV. 06/06 Packaging Specifications 2.0 ± 0.5 (.079 ± .020) 50.0 (1.969) 330.0 (13.00) DIA. 22.4 (.882) 18.0 (.709) 13.0 (.512) DIA. 13.0 (.512) DIA. 21.0 ± 0.8 (.827 ± .031) COVER TAPE EMBOSSED CARRIER 16.0 (.630) END START 4 (.157) 8 (.315) USER DIRECTION OF FEED 160 (6.300) NO COMPONENT NO COMPONENT COMPONENTS 390 (15.354) 16.0 (.630) 1.75 (.069) 1.55 (.061) DIA. 1500 PCS. PER REEL DIMENSIONS: MM (INCHES) |