Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR331 Fiches technique(PDF) 3 Page - Bourns Electronic Solutions

No de pièce DR331
Description  Surface Mount Data Line Chokes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

DR331 Fiches technique(HTML) 3 Page - Bourns Electronic Solutions

  DR331 Datasheet HTML 1Page - Bourns Electronic Solutions DR331 Datasheet HTML 2Page - Bourns Electronic Solutions DR331 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DR331 Series Surface Mount Data Line Chokes
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
REV. 06/06
Packaging Specifications
2.0 ± 0.5
(.079 ± .020)
50.0
(1.969)
330.0
(13.00)
DIA.
22.4
(.882)
18.0
(.709)
13.0
(.512)
DIA.
13.0
(.512)
DIA.
21.0 ± 0.8
(.827 ± .031)
COVER TAPE
EMBOSSED
CARRIER
16.0
(.630)
END
START
4
(.157)
8
(.315)
USER DIRECTION OF FEED
160
(6.300)
NO COMPONENT
NO COMPONENT
COMPONENTS
390
(15.354)
16.0
(.630)
1.75
(.069)
1.55
(.061)
DIA.
1500 PCS. PER REEL
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3