| Moteur de recherche de fiches techniques de composants électroniques |
|
ZSSC3135BA2 Fiches technique(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZSSC3135BA2 Fiches technique(HTML) 2 Page - Renesas Technology Corp |
|
2 / 24 page ![]() Sensor Signal Conditioner for Piezoresistive Bridge Sensors ZSSC3135 Datasheet © 2016 Integrated Device Technology, Inc. 2 January 27, 2016 ZSSC3135 Application Example Serial Interface Sensor Bridge SDA SCL Out / OWI GND VSUPP C3 47nF +4.5V to +5.5V 2 1 3 4 6 5 7 14 13 11 12 10 VDDA VSSA SDA SCL n.c. VDD VDDE IRTEMP VBR_T VBP VBR_B VBN AOUT VSSE 9 8 C2 100nF C1 100nF C5 R1 C4 Temperature Sensor Ordering Information (See data sheet section 8 for complete delivery options.) Product Sales Code Description Package ZSSC3135BE1 ZSSC3135 die – tested; temperature range -40 to +150°C Unsawn wafer: add “B” to sales code Die on frame: add “C” to sales code ZSSC3135BA1 ZSSC3135 die – tested; temperature range -40 to +125°C Unsawn wafer: add “B” to sales code Die on frame: add “C” to sales code ZSSC3135BE2 ZSSC3135 SSOP14 – temperature range -40 to +150°C Tube: add “T” to sales code Tape & Reel: add “R” ZSSC3135BA2 ZSSC3135 SSOP14 – temperature range -40 to +125°C Tube: add “T” to sales code Tape & Reel: add “R” ZSSC313xKITV1.1 ZSSC313x Evaluation Kit, revision 1.1 including Evaluation Board, ZSSC3135 IC samples, USB cable (software can be downloaded from the product page www.IDT.com/ZSSC3135) Kit ZSSC313x Mass Calibration System V1.1 Modular Mass Calibration System (MSC) for ZSSC313x including MCS boards, cable, connectors (software can be downloaded from the product page www.IDT.com/ZSSC3135) Kit |