| Moteur de recherche de fiches techniques de composants électroniques |
|
500ASSP3M2R Fiches technique(PDF) 2 Page - E-SWITCH |
|
|
|||||||||||||||||||||||||||||
500ASSP3M2R Fiches technique(HTML) 2 Page - E-SWITCH |
|
2 / 2 page ![]() SUB-MINIATURE SLIDE SWITCHES Phone: 763-504-3525 Fax: 763-531-8235 www.e-switch.com info@e-switch.com M6 M2 SPDT P.C. MOUNTING P.C. MOUNTING SERIES 500A SWITCHES Switching Position Model No. SSP-1 ON NONE ON SSP-3 ON OFF ON Term. 2-1 OPEN 2-3 Comm. Schematic 13 2 Comm. ( ) = Momentary Q Fixed Terminal: Silver plated copper alloy Moving Contact: Silver plated copper alloy Rating: 3 Amps with resistive load @ 120VAC or 28VDC 1 Amp with resistive load @ 250VAC R Fixed Terminal: Copper alloy with gold plate over nickel plate Moving Contact: Copper alloy with gold plate over nickel plate Rating: 0.4 Volt-Amps (VA) max. @ 20V max. (AC or DC) CONTACT MATERIAL OPTIONS TERMINATION OPTIONS PC PIN 172 PP 167-189 Slides.qxd 5/8/02 10:06 AM Page 172 |