Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D12V0HA1U2SLP Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce D12V0HA1U2SLP
Description  1 CHANNEL UNIDIRECTIONAL TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D12V0HA1U2SLP Fiches technique(HTML) 4 Page - Diodes Incorporated

  D12V0HA1U2SLP Datasheet HTML 1Page - Diodes Incorporated D12V0HA1U2SLP Datasheet HTML 2Page - Diodes Incorporated D12V0HA1U2SLP Datasheet HTML 3Page - Diodes Incorporated D12V0HA1U2SLP Datasheet HTML 4Page - Diodes Incorporated D12V0HA1U2SLP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
D12V0HA1U2SLP
Document number: DS42052 Rev. 2 - 2
4 of 5
www.diodes.com
November 2020
© Diodes Incorporated
D12V0HA1U2SLP
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-DFN1006-2 (Type SA)
X1-DFN1006-2
(Type SA)
Dim
Min
Max
Typ
A
0.400 0.500
--
A1
--
0.050
--
b
0.450 0.550
0.500
D
0.990 1.050
1.020
E
0.590 0.650
0.620
e
0.650 BSC
L
0.200 0.300
0.250
R
0.050 0.150
0.100
z
0.020 0.100
0.060
z1
0.020 0.100
0.060
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-DFN1006-2 (Type SA)
Dimensions
Value (in mm)
C
0.700
G
0.300
X
0.400
X1
1.100
Y
0.700
A
A1
e
z (2x)
b(2x)
L
z1(3x)
D
E
Pin1
R
X1
C
X
G
Y



Html Pages

1 2 3 4 5