Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APR6/D Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce APR6/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR6/D Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button APR6/D Datasheet HTML 2Page - NXP Semiconductors APR6/D Datasheet HTML 3Page - NXP Semiconductors APR6/D Datasheet HTML 4Page - NXP Semiconductors APR6/D Datasheet HTML 5Page - NXP Semiconductors APR6/D Datasheet HTML 6Page - NXP Semiconductors APR6/D Datasheet HTML 7Page - NXP Semiconductors APR6/D Datasheet HTML 8Page - NXP Semiconductors APR6/D Datasheet HTML 9Page - NXP Semiconductors APR6/D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 101 page
background image
vi
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
Product Documentation
Twin CODEC Expansion Board for
the DSP56000 ADS
Application Report; circuit, code, FIR filter
design for two voice band codecs
connecting to the SSI
APR12/D
Conference Bridging in the Digital
Telecommunications Environment
Application Report; theory and code;
features the DSP56001/002
APR14/D
Implementation of Adaptive
Controllers
Application Report; adaptive control
using reference models; generalized
predictive control; includes code
APR15/D
Calculating Timing Requirements
of External SRAM
Application Report; determination of
SRAM speed for optimum performance
APR16/D
Low Cost Controller for DSP56001
Application Report; circuit and code to
connect two DSP56001s to an MC68008
APR402/D
G.722 Audio Processing
Application Report; theory and code using
SB-ADPCM
APR404/D
Minimal Logic DRAM Interface
Application Report; 1M x 480 ns DRAM, 1
PAL, code
APR405/D
Logarithmic/Linear Conversion
Routines
Application Report;
µ-law and A-law
companding routines for PCM mono-
circuits
ANE408/D
Third Party Compendium
Brochures from companies selling
hardware and software that supports
Motorola DSPs
DSP3RDPTYPAK/D
University Support Program
Flyer; Motorola’s program supporting
Universities in DSP research and
education
BR382/D
Technical Training Schedule
Technical Training Schedule
BR348AD/D
Audio Course Information
Audio Course Information
BR928/D
Real Time Signal Processing
Applications with Motorola’s
DSP56000 Family
Textbook by Mohamed El-Sharkawy;
398+ pages. (This is a charge item.)
Prentice-Hall,
1990; ISBN 0-13-
767138-5
Table 2
DSP56001A Related Documentation (Continued)
Document Name
Description
Order Number
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More