Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APR2/D Fiches technique(PDF) 75 Page - NXP Semiconductors

No de pièce APR2/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR2/D Fiches technique(HTML) 75 Page - NXP Semiconductors

Back Button APR2/D Datasheet HTML 71Page - NXP Semiconductors APR2/D Datasheet HTML 72Page - NXP Semiconductors APR2/D Datasheet HTML 73Page - NXP Semiconductors APR2/D Datasheet HTML 74Page - NXP Semiconductors APR2/D Datasheet HTML 75Page - NXP Semiconductors APR2/D Datasheet HTML 76Page - NXP Semiconductors APR2/D Datasheet HTML 77Page - NXP Semiconductors APR2/D Datasheet HTML 78Page - NXP Semiconductors APR2/D Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 101 page
background image
MOTOROLA
DSP56001A/D, Rev. 1
4-1
SECTION
4
DESIGN CONSIDERATIONS
SUBSTITUTING THE DSP56001A FOR THE DSP56001
This section highlights the differences between the DSP56001 and DSP56001A that need to be
taken into consideration when substituting the DSP56001A for the DSP56001. New designs
should use the DSP56002 due to its enhanced features and speed.
Hardware Considerations
NON-MASKABLE INTERRUPT (NMI)
A Non-Maskable Interrupt (NMI) function was previously accessible on the DSP56001 by
applying 10 volts to the MODB/IRQB pin. The DSP56001A does not support a non-maskable
interrupt (NMI).
AC ELECTRICAL CHARACTERISTICS
The DSP56001A die utilizes a faster technology than the DSP56001. As a result, many
DSP56001A signals exhibit faster rise and fall times than the same signals on the DSP56001.
These faster edges may generate more radiated noise and EMI, and may require more attention
to these issues (e.g., the DSP56001A based circuit may require better decoupling).
CAUTION
DO NOT APPLY 10 VOLTS TO ANY PIN OF
THE
DSP56001A
(including
MODB)!
Subjecting any pin of the DSP56001A to
voltages in excess of the specified TTL/CMOS
levels will permanently damage the device.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More