Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APR1/D Fiches technique(PDF) 43 Page - NXP Semiconductors

No de pièce APR1/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR1/D Fiches technique(HTML) 43 Page - NXP Semiconductors

Back Button APR1/D Datasheet HTML 39Page - NXP Semiconductors APR1/D Datasheet HTML 40Page - NXP Semiconductors APR1/D Datasheet HTML 41Page - NXP Semiconductors APR1/D Datasheet HTML 42Page - NXP Semiconductors APR1/D Datasheet HTML 43Page - NXP Semiconductors APR1/D Datasheet HTML 44Page - NXP Semiconductors APR1/D Datasheet HTML 45Page - NXP Semiconductors APR1/D Datasheet HTML 46Page - NXP Semiconductors APR1/D Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 101 page
background image
DSP56001A
Synchronous Serial Interface (SSI) Timing
MOTOROLA
DSP56001A/D, Rev. 1
2-25
Figure 2-20 SSI Receiver Timing
Last Bit
See Note
Note:
In the Network mode, output flag transitions can occur at the start of each time slot within the
frame. In the Normal mode, the output flag state is asserted for the entire frame period.
First Bit
80
82
84
86
87
89
88
92
90
92
93
81
91
94
SRD
(Input/Output)
FSR (Bit)
Out
FSR (Word)
Out
Data Out
FSR (Bit)
In
FSR (Word)
In
Flags Out
85
AA0895
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More