| Moteur de recherche de fiches techniques de composants électroniques |
|
B45196P Fiches technique(PDF) 3 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B45196P Fiches technique(HTML) 3 Page - EPCOS |
|
3 / 11 page ![]() 57 10/02 Tantalum Chip Capacitors Performance – High Reliability 150 °C Dimensional drawing Case size Dimensions in mm (inches) LW H L2 typ. W2 ± 0,1 ±(,004) H2 typ. p ± 0,3 ±(,012) A (10) 3,2 ± 0,2 (,126 ±,008) 1,6 ± 0,2 (,063 ±,008) 1,6 ± 0,2 (,063 ±,008) 3,0 (,118) 1,2 (,047) 1,0 (,039) 0,8 (,031) B (20) 3,5 ± 0,2 (,138 ±,008) 2,8 ± 0,2 (,110 ±,008) 1,9 ± 0,2 (,075 ±,008) 3,3 (,130) 2,2 (,087) 1,2 (,047) 0,8 (,031) C (30) 6,0 ± 0,3 (,236 ±,012) 3,2 ± 0,3 (,126 ±,012) 2,5 ± 0,3 (,098 ±,012) 5,8 (,228) 2,2 (,087) 1,5 (,059) 1,3 (,051) D (40) 7,3 ± 0,3 (,287 ±,012) 4,3 ± 0,3 (,169 ±,012) 2,8 ± 0,3 (,110 ±,012) 7,1 (,280) 2,4 (,094) 1,6 (,062) 1,3 (,051) E (50) 7,3 ± 0,3 (,287 ±,012) 4,3 ± 0,3 (,169 ±,012) 4,1 ± 0,3 (,157 ±,012) 7,1 (,280) 2,4 (,094) 1,6 (,062) 1,3 (,051) KTA0254-9-E PP L L 2 Marking Positive pole marking 1 2 W Positive pole marking 3 3 ➀ Encapsulation: molded epoxy resin ➁ NiFe; tinned surface Sn100 or gold-plated ➂ Reduced slot length for case size A B45196P, B45198P |