Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL81601 Fiches technique(PDF) 46 Page - Renesas Technology Corp

No de pièce ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Fiches technique(HTML) 46 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 42Page - Renesas Technology Corp ISL81601 Datasheet HTML 43Page - Renesas Technology Corp ISL81601 Datasheet HTML 44Page - Renesas Technology Corp ISL81601 Datasheet HTML 45Page - Renesas Technology Corp ISL81601 Datasheet HTML 46Page - Renesas Technology Corp ISL81601 Datasheet HTML 47Page - Renesas Technology Corp ISL81601 Datasheet HTML 48Page - Renesas Technology Corp ISL81601 Datasheet HTML 49Page - Renesas Technology Corp ISL81601 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
FN9299 Rev.3.1
Page 46 of 53
May 27, 2021
ISL81601
7. Layout Guidelines
(12) Use a pair of traces with minimum loop for the input or output current sensing connection.
(13) Ensure the feedback connection to the output capacitor is short and direct.
7.2
General EPAD Design Considerations
Figure 56 illustrates how to use vias to remove heat from the IC.
Figure 56. PCB Via Pattern
Fill the thermal pad area with vias. A typical via array fills the thermal pad footprint so that their centers are three
times the radius apart from each other. Keep the vias small but not so small that their inside diameter prevents
solder wicking through during reflow.
Connect all vias to the ground plane. The vias must have a low thermal resistance for efficient heat transfer. Ensure
a complete connection of the plated through hole to each plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54