| Moteur de recherche de fiches techniques de composants électroniques |
|
KN01 Fiches technique(PDF) 8 Page - Japan Aviation Electronics Industry, Ltd. |
|
|
|||||||||||||||||||||||||||||
KN01 Fiches technique(HTML) 8 Page - Japan Aviation Electronics Industry, Ltd. |
|
8 / 12 page ![]() MB-0316-2 8/12 JAE Connector Div. Proprietary. Copyright © 2022,Japan Aviation Electronics Industry, Ltd. Contact Crimp Tools Manual Crimp Tool Custom Tools KN01P15HGP1 AWG14~AWG12 φ3.5 ~φ4.4 KN01P15HGP2 AWG17~AWG12 φ2.8 ~φ3.5 KN01S15HGP1 AWG14~AWG12 φ3.5 ~φ4.4 KN01S15HGP2 AWG17~AWG14 φ2.8 ~φ3.5 KN01P25HHP1 AWG19,AWG16 φ1.7 ~φ2.4 KN01P25HHP2 AWG19,AWG16 φ2.4 ~φ3.2 KN01S25HHP1 AWG19,AWG16 φ1.7 ~φ2.4 KN01S25HHP2 AWG19,AWG16 φ2.4 ~φ3.2 KN01P03KKP1 CT150-19-KN01-20 AWG22~AWG19 φ1.3 ~φ2.0 T700409 KN01P03KKP2 AWG19 φ2.0 ~φ2.8 KN01P03KKP3 AWG25,23,22 φ1.0 ~φ1.8 KN01S03KKP1 CT150-19-KN01-20 AWG22~AWG19 φ1.3 ~φ2.0 T700409 KN01S03KKP2 AWG19 φ2.0 ~φ2.8 KN01S03KKP3 AWG25,23,22 φ1.0 ~φ1.8 JN1-22-20P-R-PKG100 AWG20 、21 φ1,3 ~1.5 JN1-22-22P-PKG100 AWG25 φ0.8 ~1.0 AWG21 、23 φ1.0 ~1.5 AWG25 φ0.8 ~1.0 JN1-22-22P-PKG100 AWG22 、24 φ1.0 ~1.3 JN1-22-26P-PKG100 AWG26 、28 φ0.8 ~1.0 JN1-22-20P-R-10000 AWG20 、21 φ1.3 ~1.5 JN1-22-22P-10000 AWG26 、28 φ0.8 ~1.0 AWG21 、23 φ1.0 ~1.5 AWG25 φ0.8 ~1.0 JN1-22-22P-10000 AWG22 、24 φ1.0 ~1.3 JN1-22-26P-10000 AWG26 、28 φ0.8 ~1.0 JN2V-22-20S-10000 AWG20 、21 φ1.3 ~1.5 JN2V-22-22S-10000 AWG26 、28 φ0.8 ~1.0 AWG21 、23 φ1.0 ~1.5 AWG25 φ0.8 ~1.0 JN2V-22-22S-10000 AWG22 、24 φ1.0 ~1.3 JN2V-22-26S-PKG100 AWG26 、28 φ0.8 ~1.0 JN2V-22-26S-PKG100 CT150-2-JN2V AWG26 、28 φ0.8 ~1.0 JN2V-22-22S-PKG100 CT150-2B-JN2V AWG22 、24 φ0.8 ~1.3 JN2V-22-20S-PKG100 CT150-2C-JN2V AWG20 、21 φ1.5 以下 Applicable Tool Tool manual #12 Pin CT170-21J-KN01 T700416 Socket Contact Size Contact Type Contact Applicable Wire Size Applicable Wire Dia. CT150-4-JN1-B-1 Socket CT150-4-JN1-D T700248 #16 CT150-19-KN01-16 T700411 Socket #20 Pin CT150-19B-KN01-20 T700410 Socket CT150-19B-KN01-20 T700410 Pin JN2V-22-22S-10000 CT150-4-JN1-E CT150-4-JN1-B-1 T700406 #22 Pin CT150-2-JN1-D T700253 JN1-22-22P-PKG100 CT150-2-JN1-E CT150-2-JN1-B T700238 CT150-4-JN1-D T700248 JN1-22-22P-10000 CT150-4-JN1-E Note: Please check the tool manuals for applicable wire and cable diameter details. |