Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC68HC705MC4MP Fiches technique(PDF) 52 Page - NXP Semiconductors

No de pièce MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68HC705MC4MP Fiches technique(HTML) 52 Page - NXP Semiconductors

Back Button MC68HC705MC4MP Datasheet HTML 48Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 49Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 50Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 51Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 52Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 53Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 54Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 55Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 180 page
background image
Resets
MC68HC705MC4 — Rev. 2.0
Resets
The COP register is shared with the most significant byte (MSB) of the
core timer interrupt vector as shown in Figure 5-2. Reading this location
will return the MSB of the core timer interrupt vector. Writing a logic 0 to
this location will clear the COP watchdog timer.
Address:
$0FF0
Bit 7
654321
Bit 0
Read:
UUUUUUUU
Write:
COPR
Reset:
00000000
= Unimplemented
U
= Undefined
Figure 5-2. COP Watchdog Timer Register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More