Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL8200MMREP Fiches technique(PDF) 2 Page - Renesas Technology Corp

No de pièce ISL8200MMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200MMREP Fiches technique(HTML) 2 Page - Renesas Technology Corp

  ISL8200MMREP Datasheet HTML 1Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 2Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 3Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 4Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 5Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 6Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 7Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 8Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ISL8200MM
FN7690 Rev 2.00
Page 2 of 24
Mar 15, 2013
Pinout Internal Circuit
Ordering Information
PART NUMBER
(Notes 1, 2)
VENDOR ITEM DRAWING
PART MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
ISL8200MMREP
V62/10608-01XB
8200MMREP
-55 to +125
23 Ld QFN
L23.15x15
NOTE:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. For Moisture Sensitivity Level (MSL), please see device information page for ISL8200MM. For more information on MSL please see techbrief TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24