| Moteur de recherche de fiches techniques de composants électroniques |
|
ISL6436LIB Fiches technique(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISL6436LIB Fiches technique(HTML) 2 Page - Renesas Technology Corp |
|
2 / 13 page ![]() ISL6436 FN9023 Rev 0.00 Page 2 of 13 Aug 10, 2001 Typical Application: Dual USB Port Power Simplified Block Diagram D+ D- D+ D- +5V VIN ENABLE_2 FAULT_1 ENABLE_1 FAULT_2 GND OUT_1 OUT_2 V+ V+ USB PORT 1 USB PORT_2 U S B C O N T R O L L E R ISL6436L GND VIN EN_1 EN_2 FAULT_2 OUT_2 OUT_1 FAULT_1 Q-PUMP CURRENT AND TEMP. POR CHANNEL 1 LIKE CHANNEL 2 MONITORING, GATE AND OUTPUT CONTROL LOGIC |