| Moteur de recherche de fiches techniques de composants électroniques |
|
MF-RX009F-A05-2 Fiches technique(PDF) 5 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-RX009F-A05-2 Fiches technique(HTML) 5 Page - Bourns Electronic Solutions |
|
5 / 5 page ![]() MF-R, MF-R/72, MF-R/90, MF-R/600, MF-RX, MF-RX/72 & MF-RX/250 Series Tape and Reel Specifications Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. t User direction of feed Cross section A - B ∆p ∆p H H1 Reference plane W0 H0 W1 W A B F D0 P0 I1 I2 L H1 P1 ∆h ∆h h w h f d Reel Upper side Tape Lower side User direction of feed Reel Dimensions - Figure 2 Taped Component Dimensions - Figure 1 DIMENSIONS = MM (INCHES) IEC EIA Dimensions Dimension Description Mark Mark Dimensions Tolerance Arbor hole diameter fc Core diameter: MF-R, MF-RX, MF-R/90 hn max. Core diameter: MF-RX/250, MF-R/600 hn max. Box: MF-R, MF-RX, MF-R/90 max. Box: MF-RX/250 max. Box: MF-R/600 max. Consecutive missing places: MF-R, MF-RX, MF-R/90 3 max. Consecutive missing places: MF-RX/250, MF-R/600 none Empty places per reel: MF-R, MF-RX, MF-R/90 Not specified Empty places per reel: MF-RX/250, MF-R/600 0.1 % 26 (1.024) 80 (3.15) 56 (2.2) 372 (14.6) 372 (14.6) ±12.0 (±.472) 91 (3.58) 67 (2.64) 372 (14.6) 362 (14.25) 64 (2.52) 372 (14.6) 362 (14.25) |