Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2QSP28-RJ1-472LF Fiches technique(PDF) 2 Page - Bourns Electronic Solutions

No de pièce 2QSP28-RJ1-472LF
Description  Thin Film on Silicon 2QSP / 2NBS -XX1 Isolated Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2QSP28-RJ1-472LF Fiches technique(HTML) 2 Page - Bourns Electronic Solutions

  2QSP28-RJ1-472LF Datasheet HTML 1Page - Bourns Electronic Solutions 2QSP28-RJ1-472LF Datasheet HTML 2Page - Bourns Electronic Solutions 2QSP28-RJ1-472LF Datasheet HTML 3Page - Bourns Electronic Solutions 2QSP28-RJ1-472LF Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2QSP / 2NBS -XX1 Isolated Resistors
A
.635
(.025)
TYP.
3.81 - 3.99
(.150 - .157)
PIN 1
.21 - .31
(.008 - .012)
1.35 - 1.75
(.053 - .069)
.10 - .25
(.004 - .010)
0-8 °
.19 - .25
(.007 - .010)
.41 - 1.27
(.016 - .050)
5.80 - 6.20
(.228 - .244)
3.81 - 3.99
(.150 - .157)
A
1.27
(.050)
TYP.
PIN 1
0.36 - 0.46
(.014 - .018)
1.35 - 1.75
(.053 - .069)
.10 - .25
(.004 - .010)
0-8 °
.19 - .25
(.007 - .010)
5.80 - 6.20
(.228 - .244)
.41 - 1.27
(.016 - .050)
Model
A
2QSP16
4.80 - 4.98 (.189 - .196)
2QSP20
8.56 - 8.74 (.337 - .344)
2QSP24
8.56 - 8.74 (.337 - .344)
2QSP28
9.80 - 9.98 (.386 - .393)
Governing dimensions are in mm. Dimensions in
parentheses are in inches and are approximate.
JEDEC Reference Number MO-137.
Model
A
2NBS08
4.80 - 4.98 (.189 - .196)
2NBS14
8.56 - 8.74 (.337 - .344)
2NBS16
9.80 - 9.98 (.386 - .393)
Governing dimensions are in mm. Dimensions in
parentheses are in inches and are approximate.
JEDEC Reference Number MS-012.
Mechanical Characteristics
QSOP Package Dimensions
Narrow-Body SOIC Package Dimensions



Html Pages

1 2 3 4