Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2CTF Fiches technique(PDF) 2 Page - Bourns Electronic Solutions

No de pièce 2CTF
Description  Thin Film on Silicon 2CTF AC Terminator x18
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2CTF Fiches technique(HTML) 2 Page - Bourns Electronic Solutions

  2CTF Datasheet HTML 1Page - Bourns Electronic Solutions 2CTF Datasheet HTML 2Page - Bourns Electronic Solutions 2CTF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Represents total content. Layout may vary.
PACKAGE
STYLE
PIN COUNT
V02M
CTF24Q
YYWW
PRODUCT
FUNCTION
RESISTANCE CODE/
CAPACITANCE CODE
GRADE
DATE CODE
MANUFACTURER'S
TRADEMARK
PIN 1 INDICATOR
(MOLDED INDENT)
Thin Film on Silicon 2CTF AC Terminator x18
A
.635
(.025)
TYP.
3.81 - 3.99
(.150 - .157)
PIN 1
.21 - .31
(.008 - .012)
1.35 - 1.75
(.053 - .069)
.10 - .25
(.004 - .010)
0-8 °
.19 - .25
(.007 - .010)
.41 - 1.27
(.016 - .050)
5.80 - 6.20
(.228 - .244)
Model
A
2QSP24
8.56 - 8.74 (.337 - .344)
Governing dimensions are in mm. Dimensions in
parentheses are in inches and are approximate.
JEDEC Reference Number MO-137.
Mechanical Characteristics
QSOP Package Dimensions
QSOP Package Power Temperature Derating Curve
Typical Part Marking
R
C
Cap.
Value
Value
Value
BV
Part Number
Part Number
Code
(ohms)
(pF)
(typ.)
(Tape & Reel)
(Tubes)
V01
33
47
130
2CTF-V01M-Q24R
2CTF-V01M-Q24T
V02
47
47
130
2CTF-V02M-Q24R
2CTF-V02M-Q24T
V03
47
33
190
2CTF-V03M-Q24R
2CTF-V03M-Q24T
V04
50
180
35
2CTF-V04M-Q24R
2CTF-V04M-Q24T
V05
75
50
120
2CTF-V05M-Q24R
2CTF-V05M-Q24T
V06
100
100
63
2CTF-V06M-Q24R
2CTF-V06M-Q24T
Standard RC Values
AMBIENT TEMPERATURE ( C )
°
1.0
1.25
.75
.50
.25
2QSP24
0
50
75
100
125
150
25



Html Pages

1 2 3