| Moteur de recherche de fiches techniques de composants électroniques |
|
EDGAC1 Fiches technique(PDF) 2 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
EDGAC1 Fiches technique(HTML) 2 Page - ITT Industries |
|
2 / 2 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change www.ittcannon.com A-37 ED Domes and EDM Domes Dimensional Drawings Switch action principal The disc contact is essentially made of two separate conductive domes diaphragms separated by an insulated material. The upper diaphragm is shaped so that under pressure it collapses suddenly and establishes contact with the lower diaphragm. Upper diaphragm Lower diaphragm SWITCH IN RESTING POSITION Pressure Insulating washer Circular contact area SWITCH IN ACTIVE POSITION Ordering code 1234 Example: ED S SC 0 1 Designation: ED / EDM450 / EDM650 2 Contact material: S = silver, G = gold 3 Contacts: AC = with PC pins, SC = with tabs 4 Sealing: 0 = flux sealed, 1 = totally sealed 12.7 (0.5) 10.35 (0.407) 0.8 (0.0315) 11.36 (0.447) 5.7 (0.224) 11.3 (0.445) 12 (0.472) 1.2 (0.0472) ED Domes |