Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54LPQ Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce BAT54LPQ
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54LPQ Fiches technique(HTML) 4 Page - Diodes Incorporated

  BAT54LPQ Datasheet HTML 1Page - Diodes Incorporated BAT54LPQ Datasheet HTML 2Page - Diodes Incorporated BAT54LPQ Datasheet HTML 3Page - Diodes Incorporated BAT54LPQ Datasheet HTML 4Page - Diodes Incorporated BAT54LPQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BAT54LPQ
Document number: DS42046 Rev. 2 - 2
4 of 5
www.diodes.com
October 2019
© Diodes Incorporated
BAT54LPQ
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-DFN1006-2
X1-DFN1006-2
Dim
Min
Max Typ
A
0.47 0.53 0.50
A1
0
0.05 0.03
b
0.45 0.55 0.50
D
0.95 1.075 1.00
E
0.55 0.675 0.60
e
-
-
0.40
L
0.20 0.30 0.25
R
0.05 0.15 0.10
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-DFN1006-2
Dimensions
Value
(in mm)
C
0.70
G
0.30
X
0.40
X1
1.10
Y
0.70
L
E
b
R
e
D
A1
A
X1
Y
C
X
G



Html Pages

1 2 3 4 5