Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZSPM2000 Fiches technique(PDF) 36 Page - Renesas Technology Corp

No de pièce ZSPM2000
Description  True Digital PWM Controller with Integrated MOSFET Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM2000 Fiches technique(HTML) 36 Page - Renesas Technology Corp

Back Button ZSPM2000 Datasheet HTML 32Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 33Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 34Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 35Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 36Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 37Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 38Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 39Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
36
January 27, 2016
5.2.
DCR Current Sensing Components
Figure 5.2
Inductor Current Sensing Using the DCR Method
The ZSPM2000 supports the loss-less DCR current sense method. The equivalent DC resistance (DCR) of the
inductor is used to measure the inductor current without adding any additional components into the power path.
The technique is based on matching the time constants of the inductor and the parallel low-pass filter. Therefore
the components R6, R7, and C8 must be selected depending on the selected inductor. The following procedure is
recommended:
1.) Set R7’ = 1k
Ω
2.) Calculate C8’ = L / (DCR * R7’).
3.) Pick capacitor C8 from the appropriate E-series close to C8.
4.) Recalculate R6=R7= L / (DCR * C8) based on the capacitor selected for C8.
ZSPM2000
+Vout
R7
R6
ISNSP
ISNSN
C8
L
DCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43