| Moteur de recherche de fiches techniques de composants électroniques |
|
ZLED-PCB2 Fiches technique(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZLED-PCB2 Fiches technique(HTML) 4 Page - Renesas Technology Corp |
|
4 / 15 page ![]() ZLED7001 Datasheet © 2016 Integrated Device Technology, Inc. 4 April 20, 2016 1 IC Characteristics 1.1. Absolute Maximum Ratings Table 1.1 Absolute Maximum Ratings No. PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT 1.1.1 Input voltage VIN -0.3 8 V 1.1.2 Voltage to GND at pin CS, LD, PWMD, GATE, TOFF, VREF VCS, VLD, VPWMD, VGATE, VTOFF, VVREF -0.3 6 V 1.1.3 Input current VIN pin 1 IVIN 1 10 mA 1.1.4 Junction temperature Tj MAX 150 °C 1.1.5 Storage temperature TST -55 150 °C 1.2. Operating Conditions Table 1.2 Operating Conditions No. PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT 1.2.1 Operating temperature TOP -40 +85 °C 1.2.2 Input DC supply voltage VINDC Resistor RIN required between DC supply voltage and VIN pin with resistance determined by equation (2) and with proper voltage rating. 2 8 450 V 1.3. Electrical Parameters Production testing of the chip is performed at 25°C. Functional operation of the chip and specified parameters at other temperatures are guaranteed by design, characterization, and process control. Test conditions: VIN = 12V; Tamb = 25°C; RIN =2kΩ; unless otherwise noted. Table 1.3 Electrical Conditions No. PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT 1.3.1 VIN clamp voltage VINCL Always higher than under voltage lockout threshold 6.6 7.1 7.6 V 1.3.2 Operation current IIN VIN= 6V, GATE floating 0.33 0.5 0.64 mA 1.3.3 Under voltage lockout threshold VULO VIN rising 6.1 6.5 6.8 V 1.3.4 Under voltage lockout hysteresis ΔVULO VIN falling 500 mV 1.3.5 PWMD pin input low voltage VENL 1.2 V 1 Beyond the input current range, V IN might not clamp at 7.1V 2 This parameter limit is guaranteed by design, characterization, and application check. See equation (2) on page 8 |