Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZLED7010 Fiches technique(PDF) 11 Page - Renesas Technology Corp

No de pièce ZLED7010
Description  40V LED Driver with Temperature Compensation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7010 Fiches technique(HTML) 11 Page - Renesas Technology Corp

Back Button ZLED7010 Datasheet HTML 7Page - Renesas Technology Corp ZLED7010 Datasheet HTML 8Page - Renesas Technology Corp ZLED7010 Datasheet HTML 9Page - Renesas Technology Corp ZLED7010 Datasheet HTML 10Page - Renesas Technology Corp ZLED7010 Datasheet HTML 11Page - Renesas Technology Corp ZLED7010 Datasheet HTML 12Page - Renesas Technology Corp ZLED7010 Datasheet HTML 13Page - Renesas Technology Corp ZLED7010 Datasheet HTML 14Page - Renesas Technology Corp ZLED7010 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
ZLED7010 Datasheet
© 2016 Integrated Device Technology, Inc.
11
April 20, 2016
2.3.4.
Microcontroller LED Control
The open-drain output of a microcontroller can control current to the LEDs by outputting a PWM control signal to
the ADJI input. See Figure 2.3 for an example circuit.
Figure 2.3
Driving ADJI Input from a Microcontroller
10k
MC
ADJI
ADJO
GND
ZLED7010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23