Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZLED7000ZI1R Fiches technique(PDF) 14 Page - Renesas Technology Corp

No de pièce ZLED7000ZI1R
Description  40V LED Driver with Internal Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7000ZI1R Fiches technique(HTML) 14 Page - Renesas Technology Corp

Back Button ZLED7000ZI1R Datasheet HTML 10Page - Renesas Technology Corp ZLED7000ZI1R Datasheet HTML 11Page - Renesas Technology Corp ZLED7000ZI1R Datasheet HTML 12Page - Renesas Technology Corp ZLED7000ZI1R Datasheet HTML 13Page - Renesas Technology Corp ZLED7000ZI1R Datasheet HTML 14Page - Renesas Technology Corp ZLED7000ZI1R Datasheet HTML 15Page - Renesas Technology Corp ZLED7000ZI1R Datasheet HTML 16Page - Renesas Technology Corp ZLED7000ZI1R Datasheet HTML 17Page - Renesas Technology Corp ZLED7000ZI1R Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
ZLED7000 Datasheet
© 2016 Integrated Device Technology, Inc.
14
April 20, 2016
Note: Silicon diodes have a greater forward voltage and overshoot caused by reverse recovery time, which can
increase the peak voltage on the LX output. Ensure that the total voltage appearing on the LX pin, including
supply ripple, is within the specified range (see Table 1.1).
3.4
Output Ripple
Shunt a capacitor CLED across the LED(s) as shown in Figure 3.1 to minimize the peak-to-peak ripple current in the
LED if necessary.
Figure 3.1
Output Ripple Reduction
Low ESR capacitors should be used because the efficiency of CLED largely depends on its ESR and the dynamic
resistance of the LED(s). For an increased number of LEDs, using the same capacitor will be more effective.
Lower ripple can be achieved with higher capacitor values, but this will increase start-up delay by reducing the
slope of the LED voltage. The capacitor will not affect operating frequency or efficiency. For a simulation or bench
optimization, CLED
values of a few μF are an applicable starting point for the given configuration.
VIN
ISENSE
LX
ZLED7000
n LED
L1
CLED
RS
D1
VS
GND
ADJ
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19