Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9980PCB Fiches technique(PDF) 14 Page - Analog Devices

No de pièce AD9980PCB
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9980PCB Fiches technique(HTML) 14 Page - Analog Devices

Back Button AD9980PCB Datasheet HTML 10Page - Analog Devices AD9980PCB Datasheet HTML 11Page - Analog Devices AD9980PCB Datasheet HTML 12Page - Analog Devices AD9980PCB Datasheet HTML 13Page - Analog Devices AD9980PCB Datasheet HTML 14Page - Analog Devices AD9980PCB Datasheet HTML 15Page - Analog Devices AD9980PCB Datasheet HTML 16Page - Analog Devices AD9980PCB Datasheet HTML 17Page - Analog Devices AD9980PCB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
AD9980
Rev. 0 | Page 14 of 44
Table 9. Recommended VCO Range and Charge Pump and Current Settings for Standard Display Formats
Standard
Resolution
Refresh Rate
(Hz)
Horizontal Frequency
(kHz)
Pixel Rate
(MHZ)
PLL
Divider
VCORNGE
Current
VGA
640 × 480
60
31.500
25.175
800
01
100
72
37.700
31.500
832
01
100
75
37.500
31.500
840
01
100
85
43.300
36.000
832
01
101
SVGA
800 × 600
56
35.100
36.000
1024
01
101
60
37.900
40.000
1056
01
100
72
48.100
50.000
1040
10
100
75
46.900
49.500
1056
10
100
85
53.700
56.250
1048
10
100
XGA
1024 × 768
60
48.400
65.000
1344
10
101
70
56.500
75.000
1328
10
110
75
60.000
78.750
1312
10
110
80
64.000
85.500
1336
11
100
85
68.300
94.500
1376
11
100
TV
480i
30
15.750
13.510
858
00
100
480p
60
31.470
27.000
858
01
100
576i
30
15.625
13.500
864
00
100
576p
60
31.250
27.000
864
01
100
720p
60
45.000
74.250
1650
10
101
1035i
30
33.750
74.250
2200
10
101
1080i
60
33.750
74.250
2200
10
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44