| Moteur de recherche de fiches techniques de composants électroniques |
|
AFE7901 Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AFE7901 Fiches technique(HTML) 7 Page - Texas Instruments |
|
7 / 160 page ![]() Table 6-1. Pin Functions (continued) BALL NAME BALL NUMBER TYPE(1) DESCRIPTION GBL_7_SYNCB_OUT1+ N9 I/O Default location of JESD Sync\ 1 output differential positive terminal. GBL_8_SYNCB_IN1+ N8 I/O Default location of JESD Sync\ 1 input differential positive terminal. GBL_9_SYNCB_OUT1– P9 I/O Default location of JESD Sync\ 1 output differential negative terminal. GBL_10_GPIO17 T8 I/O GPIO. GBL_11_GPIO18 T7 I/O GPIO. GBL_12_FSPICLKD P7 I/O Default and recommended location of FSPI D clock (FSPI for factory use only, available as generic GPIO). GBL_13_GPIO19 P8 I/O GPIO. GBL_14_FSPIDD R7 I/O Default and recommended location of FSPI D data (FSPI for factory use only, available as generic GPIO). GBL_15_FSPIDC P6 I/O Default and recommended location of FSPI C clock (FSPI for factory use only, available as generic GPIO). GBL_16_RXCLNB T6 I/O Default location of RX channel C AGC LNA Bypass output signal. GBL_17_SYNCB_IN1– N7 I/O Default location of JESD Sync\ 1 input differential negative terminal. GBL_18_TXTDD2 V5 I/O Default location of TX TDD2 input signal. GBL_19_GPIO20 U6 I/O GPIO. GBR_0_GPIO4 C6 I/O GPIO. GBR_1_GPIO5 F6 I/O GPIO. GBR_2_RXALNB D5 I/O Default location of RX channel A AGC LNA Bypass output signal. GBR_3_FSPICLKB F5 I/O Default and recommended location of FSPI B clock (FSPI for factory use only, available as generic GPIO). GBR_4_GPIO6 E5 I/O GPIO. GBR_5_FSPIDB H10 I/O Default and recommended location of FSPI B data (FSPI for factory use only, available as generic GPIO). GBR_6_RXBLNB G10 I/O Default location of RX channel B AGC LNA Bypass output signal. GBR_7_SYNCB_OUT0+ H9 I/O Default location of JESD Sync\ 0 output differential positive terminal. GBR_8_SYNCB_IN0+ H8 I/O Default location of JESD Sync\ 0 input differential positive terminal. GBR_9_SYNCB_OUT0– G9 I/O Default location of JESD Sync\ 0 output differential negative terminal. GBR_10_FSPICLKA E8 I/O Default location of FSPI A clock (FSPI for factory use only, available as generic GPIO). GBR_11_RXTDD1 E7 I/O Default location of RX TDD1 input signal. GBR_12_GPIO7 G7 I/O GPIO. GBR_13_GPIO8 G8 I/O GPIO. GBR_14_FSPIDA F7 I/O Default and recommended location of FSPI A clock (FSPI for factory use only, available as generic GPIO). GBR_15_GPIO9 G6 I/O GPIO. GBR_16_GPIO10 E6 I/O GPIO. GBR_17_SYNCB_IN0– H7 I/O Default location of JESD Sync\ 0 input differential negative terminal. GBR_18_GPIO11 C5 I/O GPIO. GBR_19_GPIO12 D6 I/O GPIO. www.ti.com AFE7901 SBASAO5 – APRIL 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 7 Product Folder Links: AFE7901 |