Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BO520WS Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce BO520WS
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

BO520WS Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  BO520WS Datasheet HTML 1Page - List of Unclassifed Manufacturers BO520WS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS30235 Rev. 6 - 2
2 of 2
B0520WS
V , REVERSE VOLTAGE (V)
R
Fig. 4 Total Capacitance vs Reverse Voltage
1000
1.0
10
100
0
5
10
15
20
f = 1MHz
10
100
1000
0
5
10
15
20
V , REVERSE VOLTAGE (V)
Fig.3 Typical Reverse Characteristics
R
T = 25 C
j
°
0.01
0.1
1.0
10
0.2
0
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
T= 25 C
j
°
0
0.25
0.50
0
50
100
150
T , TERMINAL TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
T
°
0.75
1.0
25
75
125
Marking Information
SD
Cathode Band
Type Code



Html Pages

1 2