| Moteur de recherche de fiches techniques de composants électroniques |
|
LM124 Fiches technique(PDF) 33 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM124 Fiches technique(HTML) 33 Page - Texas Instruments |
|
33 / 55 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 9-Feb-2023 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM324AN ACTIVE PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type 0 to 70 LM324AN Samples LM324ANSR ACTIVE SO NS 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324A Samples LM324ANSRG4 ACTIVE SO NS 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324A Samples LM324APW ACTIVE TSSOP PW 14 90 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 L324A Samples LM324APWE4 ACTIVE TSSOP PW 14 90 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 L324A Samples LM324APWR ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM 0 to 70 L324A Samples LM324APWRG4 ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 L324A Samples LM324BIPWR ACTIVE TSSOP PW 14 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 LM324B Samples LM324D ACTIVE SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324 Samples LM324DE4 ACTIVE SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324 Samples LM324DG4 ACTIVE SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324 Samples LM324DR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM 0 to 70 LM324 Samples LM324DRE4 ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324 Samples LM324DRG3 ACTIVE SOIC D 14 2500 RoHS & Green SN Level-1-260C-UNLIM 0 to 70 LM324 Samples LM324DRG4 ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324 Samples LM324KAD ACTIVE SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324KA Samples LM324KADR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324KA Samples LM324KADRG4 ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324KA Samples LM324KAN ACTIVE PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type 0 to 70 LM324KAN Samples LM324KANSR ACTIVE SO NS 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324KA Samples LM324KAPW ACTIVE TSSOP PW 14 90 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 L324KA Samples Addendum-Page 5 |