Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9961 Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce L9961
Description  Battery management system solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button L9961_V01 Datasheet HTML 41Page - STMicroelectronics L9961_V01 Datasheet HTML 42Page - STMicroelectronics L9961_V01 Datasheet HTML 43Page - STMicroelectronics L9961_V01 Datasheet HTML 44Page - STMicroelectronics L9961_V01 Datasheet HTML 45Page - STMicroelectronics L9961_V01 Datasheet HTML 46Page - STMicroelectronics L9961_V01 Datasheet HTML 47Page - STMicroelectronics L9961_V01 Datasheet HTML 48Page - STMicroelectronics L9961_V01 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
MCU shall disable any load actuation (CHG/DCHG, balancing and FUSE) before launching an NVM download/
upload command.
Data stored in the NVM is checked against corruption:
•
If the trimming and calibration data is corrupted, the CRC_TRIM_CAL_FAIL flag is set and the FAULTN pin
is asserted
•
If the user sectors are corrupted, the CRC_CFG_FAIL flag is set and the FAULTN pin is asserted
Whenever data corruption is detected (CRC_TRIM_CAL_FAIL or CRC_CFG_FAIL), the diagnostic routines will
not be stopped and faults might be inadvertently flagged. However, all the actuations due to internal faults will be
inhibited as if the corresponding masking bit (*_MSK) was set.
A corrupted NVM sector will be downloaded as 0x0.
L9961
Non-volatile memory (NVM)
DS14012 - Rev 3
page 45/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65