Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC05RC16GRS/D Fiches technique(PDF) 89 Page - NXP Semiconductors

No de pièce HC05RC16GRS/D
Description  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D Fiches technique(HTML) 89 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 85Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 86Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 87Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 88Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 89Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 90Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 91Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 92Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 122 page
background image
Instruction Set
Instruction Types
MC68HC05RC16 — Rev. 3.0
General Release Specification
Instruction Set
10.3.8 Relative
Relative addressing is only for branch instructions. If the branch
condition is true, the CPU finds the effective branch destination by
adding the signed byte following the opcode to the contents of the
program counter. If the branch condition is not true, the CPU goes to the
next instruction. The offset is a signed, two’s complement byte that gives
a branching range of –128 to +127 bytes from the address of the next
location after the branch instruction.
When using the Motorola assembler, the programmer does not need to
calculate the offset, because the assembler determines the proper offset
and verifies that it is within the span of the branch.
10.4 Instruction Types
The MCU instructions fall into the following five categories:
•
Register/Memory Instructions
•
Read-Modify-Write Instructions
•
Jump/Branch Instructions
•
Bit Manipulation Instructions
•
Control Instructions
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More