| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC92439FA Fiches technique(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
MPC92439FA Fiches technique(HTML) 14 Page - Renesas Technology Corp |
|
14 / 17 page ![]() MPC92439 Data Sheet 900MHZ, LOW VOLTAGE, LVPECL CLOCK SYNTHESIZER MPC92439 REVISION 5 FEBRUARY 6, 2013 14 ©2013 Integrated Device Technology, Inc. Package Outline - K Suffix for 32 Lead VFQFN Table 14. Package Dimensions Reference Document: JEDEC Publication 95, MO-220 NOTE: The following package mechanical drawing is a generic drawing that applies to any pin count VFQFN package. This drawing is not intended to convey the actual pin count or pin layout of this device. The pin count and pinout are shown on the front page. The package dimensions are in Table 14. To p View Ind exArea D Chamfer 4x 0.6 x 0.6 max OPTIONAL Anvil Singula tion A 0. 08 C C A3 A1 S eating Plan e E2 E2 2 L (N -1)x e (R ef.) (Ref.) N & N Even N e D2 2 D2 (Ref.) N & N Odd 1 2 e 2 (Ty p.) If N & N are Even (N -1)x e (Re f.) b Th er mal Ba se N OR Anvil Singulation or Sawn Singulation N-1 N CHAMFER 1 2 N-1 1 2 N RADIUS 4 4 Bottom View w/Type C ID Bottom View w/Type A ID There are 2 methods of indicating pin 1 corner at the back of the VFQFN package: 1. Type A: Chamfer on the paddle (near pin 1) 2. Type C: Mouse bite on the paddle (near pin 1) JEDEC Variation: VHHD-2/-4 All Dimensions in Millimeters Symbol Minimum Nominal Maximum N 32 A 0.80 1.00 A1 0 0.05 A3 0.25 Ref. b 0.18 0.25 0.30 ND &NE 8 D&E 5.00 Basic D2&E2 3.0 3.3 e 0.50 Basic L 0.30 0.40 0.50 |