Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS393 Fiches technique(PDF) 10 Page - Diodes Incorporated

No de pièce AS393
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS393 Fiches technique(HTML) 10 Page - Diodes Incorporated

Back Button AS393 Datasheet HTML 6Page - Diodes Incorporated AS393 Datasheet HTML 7Page - Diodes Incorporated AS393 Datasheet HTML 8Page - Diodes Incorporated AS393 Datasheet HTML 9Page - Diodes Incorporated AS393 Datasheet HTML 10Page - Diodes Incorporated AS393 Datasheet HTML 11Page - Diodes Incorporated AS393 Datasheet HTML 12Page - Diodes Incorporated AS393 Datasheet HTML 13Page - Diodes Incorporated AS393 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AS393/393A
Document number: DS40539 Rev. 3 - 2
10 of 14
www.diodes.com
September 2018
© Diodes Incorporated
AS393/393A
Package Outline Dimensions (Cont. All dimensions in mm(inch).)
(4)
Package Type: MSOP-8
0.650(0.026)TYP
0.300(0.012)TYP
0.800(0.031)
1.200(0.047)
3.100(0.122)
2.900(0.114)
0°
8°
0.150(0.006)
TYP
0.750(0.030)
0.970(0.038)
`
Note: Eject hole, oriented hole and mold mark is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14