| Moteur de recherche de fiches techniques de composants électroniques |
|
AP8804 Fiches technique(PDF) 8 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP8804 Fiches technique(HTML) 8 Page - Diodes Incorporated |
|
8 / 9 page ![]() AP8804 AP8804 Document number: DS32050 Rev. 2 - 5 8 of 9 www.diodes.com February 2010 © Diodes Incorporated A Product Line of Diodes Incorporated Package Outline Dimensions Suggested Pad Layout DFN2020-6 Dim Min Max Typ A 0.57 0.63 0.60 A1 0 0.05 0.03 A3 ⎯ ⎯ 0.15 b 0.20 0.30 0.25 D 1.95 2.075 2.00 D2 1.45 1.65 1.55 e ⎯ ⎯ 0.65 E 1.95 2.075 2.00 E2 0.76 0.96 0.86 L 0.30 0.40 0.35 All Dimensions in mm Dimensions Value (in mm) Z 1.67 G 0.15 X1 0.90 X2 0.45 Y 0.37 C 0.65 SEATING PLANE D2 D e Pin#1 ID L b D2/2 E2 E A1 A A3 G G YC Z Y X2 X1 |