| Moteur de recherche de fiches techniques de composants électroniques |
|
BAT74S Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BAT74S Fiches technique(HTML) 2 Page - NXP Semiconductors |
|
2 / 12 page ![]() 1998 Jul 10 2 Philips Semiconductors Product specification Schottky barrier double diode BAT74S FEATURES • Low forward voltage • Guard ring protected • Small SMD package. APPLICATIONS • Ultra high-speed switching • Voltage clamping • Protection circuits • Blocking diodes. DESCRIPTION Planar Schottky barrier double diode with an integrated guard ring for stress protection. Two separate dies are encapsulated in a SOT363 small SMD plastic package. PINNING PIN DESCRIPTION 1 anode (a1) 2,5 not connected 3 cathode (k2) 4 anode (a2) 6 cathode (k1) handbook, 2 columns MBK149 14 63 Fig.1 Simplified outline (SOT363) and symbol. Marking code: 74. MSA370 12 3 65 4 Top view |