| Moteur de recherche de fiches techniques de composants électroniques |
|
AP3607 Fiches technique(PDF) 3 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP3607 Fiches technique(HTML) 3 Page - Diodes Incorporated |
|
3 / 16 page ![]() AP3606/AP3607 Document number: DS40917 Rev. 1 - 3 3 of 16 www.diodes.com April 2018 © Diodes Incorporated AP3606/AP3607 Typical Applications Circuit (Cont.) D1 D2 D3 D4 C1 1 F C2 1 F C OUT 1 F AP3607 C1- 1 C1+ 4 C2- 2 C2+ 3 V IN 7 EN 8 VOUT2 15 VOUT1 16 AGND 5 D1 14 D2 13 D3 12 D4 11 D5 10 D6 9 PGND 6 C IN 1 F Li-ion Pulse Input Battery D5 5 WLEDs D1 D2 D3 D4 D5 D6 C1 1 F C2 1 F C OUT 1 F AP3607 C1- 1 C1+ 4 C2- 2 C2+ 3 7 EN 8 VOUT2 15 VOUT1 16 AGND 5 D1 14 D2 13 D3 12 D4 11 D5 10 D6 9 PGND 6 C IN 1 F Li-ion Pulse Input VIN Battery 6 WLEDs Detailed application information, please refer to AP3606/AP3607 application note. NOT RECOMMENDED FOR NEW DESIGN USE AP3156 |