| Moteur de recherche de fiches techniques de composants électroniques |
|
ISL6260 Fiches technique(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISL6260 Fiches technique(HTML) 13 Page - Renesas Technology Corp |
|
13 / 26 page ![]() 13 FN9162.1 January 3, 2006 Simplified Application Circuit for Resistive Current Sensing Figure 36 shows a simplified application circuit for the ISL6260 or ISL6260B converter. Both the MOSFET drivers and main control IC are shown. The driver has a force continuous-conduction-mode (FCCM) input, that when disabled, allows the regulator to operate in Diode Emulation for improved light load efficiency. R i R 1 R 3 V O V +5 ISL6208 V IN V +5 VCC UGATE LGATE PHASE BOOT PWM FCCM GND C 3 C 1 C 2 V +5 7 VID<0:6> DPRSLPVR VR_ON C O SOFT VDIFF OCSET FB PSI# RBIAS FCCM PWM3 PWM2 VW VO COMP VIDs DPRSLPVR PGD_IN VIN VR_ON GND PGOOD PWM1 VDD RTN V IN VR_TT# VSUM R FSET PSI# Remote Sense at CPU CORE ISEN1 ISEN2 ISEN3 VSEN CLK_EN# MCHOK CLK_ENABLE# ISL6208 VCC UGATE LGATE PHASE BOOT PWM FCCM GND VR_TT# NTC ISL6260 IMVP6_PWRGD V IN V +5 ISL6208 VCC UGATE LGATE PHASE BOOT PWM FCCM GND V IN DROOP DFB VO' VSUM L O R L C L VSUM ISEN2 VO' R SEN L O R L VSUM ISEN1 VO' R SEN L O R L C L VSUM ISEN3 VO' R SEN DPRSTP# DPRSTP# V +3.3 3V3 C L FIGURE 36. TYPICAL APPLICATION CIRCUIT FOR DISCRETE RESISTOR CURRENT SENSING ISL6260, ISL6260B |